Part Number Hot Search : 
1N6000 10220 HC80U 12P2A1 0021632 EFE19G ZD4702 TIP146G
Product Description
Full Text Search
 

To Download G41301A-DC12-SBM Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  65 shark river road, neptune, new jersey 07753-7423 usa toll free (732) 922-8330 fx (732) 922-6363 e-mail: globalcomponents@msn.com features ? automotive applications ? standardized terminal size & layout ? now with continuous current capacity to 80 amps ! ? plastic cover for enviromental protection characteristics ? operate / release time: 7ms / 2 ms typical ? dielectric strength: 500 vrms, 1 minute ? insulation resistance: 100m @ 500 vdc, 50% rh ? shock resistance: 20g, 11ms ? vibration resistance: 10-40hz, 1.27mm da 40-70hz, 5g 70-100hz, 0.5mm da typical applications : head lights, fog lamps 100-500hz, 10g blower control, horn, ? drop resistance: 1m drop ( 6 axii ) to concrete in final enclosure (gm) power windows, fans, ? power consumption: 1.6w, unsuppressed ; 1.81w w/68 resistor starters, abs systems ? ambient temperature: -40 c to +125 c operating -40 c to +155 c storage ? weight: 31g, approx. n contact data model g4130 g4160 g4180 contact arrangement 1 form a ; 1 form c 1 form a ; 1 form c 1 form a; 1 form c max. switching current (m/b) form a: 120a/40a form a: 120a/60a form a : 240a/80a form c: nc45a, no120a form c: nc45a, no120a form c: no240a/nc180a contact material agni agcdo agsnoino max. switching v see curve #1, current dependent see curve #1, current dependent see curve #2, current dependent max. continuous current form a: 30a form a: 60a form a : 80a form c: no30a/ nc30a form c: no60a/ nc40a form c : no 80a / nc 60a minimum load ( reference) 0.1a, 12vdc 0.5a, 12vdc 0.5a, 12vdc mechanical life 10,000,000 ops. 10,000,000 ops. 10,000,000 ops. electrical life 200,000 ops. ( see note 4) 200,000 ops. ( see note 4) 200,000 ops. ( see note 4 ) n coil data useful curves g41 nominal coil resistance pull-in drop-out voltage 10% voltage voltage 6 22 3.6 0.6 12 90 7.2 1.2 24 330 14.3 2.4 now with improved ratings & mounting options ! 600r1 power load limit of g4130. g4160 power load limit of g4180 switching voltage (vdc) switching voltage (vdc) switching current (a) switching current (a)
n overall dimensions, optional covers, terminal layouts, mounting holes, and wiring diagrams (mm) 65 shark river road, neptune, new jersey 07753-7423 usa ph (732) 922-6333 fx (732) 922-6363 e-mail globalcomponents@msn.com g4130, g4160 g4180 1 form a 1 form a (aa) 1 form c 1 form a 1 form c optional covers plug-in type 25 25 11.5 11.5 11.5 11.5 11.5 18 18 18 28 max 28 max 28 max 28 max 28 max 28 max 28 max 28 max 28 max 28 max 28 max 28 max 0.8 6.3 4.6 6.3 6.3 6.3 0.8 4.2 16.9 16.9 16.9 16.9 3.4 3.4 3.4 3.4 17.9 17.9 17.9 17.9 8.0 8.0 8.4 8.4 8.4 8.4 87 87 87 87 87a 87a 85 85 85 85 86 86 86 86 30 30 30 30 4.2 25 25 22 o 6.4 o 6.4 16 16 6 6 o 5.3 15 4.6 13.3 36 max 36 max 7 7 20.6 45.3 2.8 4.3 10.4 12.8 molded bracket skirted cover w/metal bracket skirted cover w/bent metal bracket metal bracket bent metal bracket
n how to order g41 60 2 aa - dc12 - b model mounting options nil = plug-in p = pcb rating code: 30 = 30a b = molded bracket 60 = 60a m = metal bracket 80 = 80a bm = bent metal bracket sm = skirted cover w/metal bracket sbm =skirted cover w/bent metal bracket coil voltage: dc 6, 12, 24 component: nil = none conta ct form: a = 1 form a 1 = resistor c = 1 form c 2 = diode ** aa = 1 form a (dbl 87) ** g4130 and g4160 only notes: 1) all parameters, unless otherwise specified, are measured at ambient temperature of 23 c 2) maximum make current refers to inrush current of lamp load. 3) at ambient temperature of 85 c, maximum allowable voltage should be reduced to 72%. 4) electrical life obtained at resistive or inductive load at 20a,15vdc for g4130; 40a, 15vdc for g4160; 80a, 15vdc for g4180 ( with suitable arc-suppression circuit attached with operating frequency of 1 ops/sec.) 5) specifications subject to change without prior notice. 65 shark river road, neptune, new jersey 07753-7423 usa ph (732) 922-6333 fx (732) 922-6363 e-mail globalcomponents@msn.com 1 form a 1 form a (aa) 1 form a 1 form a 1 form a 1 form a 1 form c 1 form c 1 form c 1 form c 1 form c 25 25 overall dimensions, pcb type 28 max 28 max 28 max 28 max 28 max 28 max 17.9 17.9 17.9 17.9 17.9 17.9 17.9 17.9 16.9 16.9 16.9 16.9 16.9 16.9 16.9 16.9 3.2 2.5 8.0 8.0 8.0 8.0 3.4 3.4 3.4 2.5 3.4 3.0 g4130, g4160 g4180 8.4 8.4 8.4 8.4 8.4 8.4 8.4 8.4 3.8 3.8 3.8 pcb type mounting holes ( bottom view ) g4130, g4160 g4180 1.2 1.2 1.2 1.2 2.4 2.4 7.6 7.6 2.2 2.2 1.6 1.6 2 2 7.6 7.6 wiring diagrams 30 30 30 30 30 30 30 87 87 87 87 87 87 87 86 86 86 86 86 86 86 87a 87a 87a 87a 85 85 85 85 85 85 85 (+) (-) (+) (+) (-) (-) o


▲Up To Search▲   

 
Price & Availability of G41301A-DC12-SBM

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X